Part Number Hot Search : 
SSFD3004 ST1S10PH OW5699 50400 B39202 HMC24010 GW40NC60 1N4806
Product Description
Full Text Search
 

To Download HYB39S256400DC-6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HYB39S256400/800/160DT(L)/DC(L) 256MBit Synchronous DRAM
256 MBit Synchronous DRAM
*
High Performance:
-6 fCK tCK3 tAC3 tCK2 tAC2 166 6 5 7.5 5.4 -7 143 7 5.4 7.5 5.4 -7.5 133 7.5 5.4 10 6 -8 125 8 6 10 6 Units MHz ns ns ns
* * * * * * * ns * * * *
Data Mask for Read / Write control (x4, x8) Data Mask for byte control (x16) Auto Refresh (CBR) and Self Refresh Power Down and Clock Suspend Mode 8192 refresh cycles / 64 ms (7,8 s) Random Column Address every CLK ( 1-N Rule) Single 3.3V +/- 0.3V Power Supply LVTTL Interface versions Plastic Packages: P-TSOPII-54 400mil width (x4, x8, x16) Chipsize Packages: 54 ball TFBGA (12 mm x 8 mm) -6 parts for PC166 3-3-3 operation -7 parts for PC133 2-2-2 operation -7.5 parts for PC133 3-3-3 operation -8 parts for PC100 2-2-2 operation
* * * * * * * *
Fully Synchronous to Positive Clock Edge 0 to 70 C operating temperature Four Banks controlled by BA0 & BA1 Programmable CAS Latency: 2 & 3 Programmable Wrap Sequence: Sequential or Interleave Programmable Burst Length: 1, 2, 4, 8 and full page Multiple Burst Read with Single Write Operation Automatic Command and Controlled Precharge
The HYB39S256400/800/160DT(L) are four bank Synchronous DRAM's organized as 4 banks x 16MBit x4, 4 banks x 8MBit x8 and 4 banks x 4Mbit x16 respectively. These synchronous devices achieve high speed data transfer rates for CAS-latencies by employing a chip architecture that prefetches multiple bits and then synchronizes the output data to a system clock. The chip is fabricated with INFINEON's advanced 0.14 m 256MBit DRAM process technology. The device is designed to comply with all industry standards set for synchronous DRAM products, both electrically and mechanically. All of the control, address, data input and output circuits are synchronized with the positive edge of an externally supplied clock. Operating the four memory banks in an interleave fashion allows random access operation to occur at a higher rate than is possible with standard DRAMs. A sequential and gapless data rate is possible depending on burst length, CAS latency and speed grade of the device. Auto Refresh (CBR) and Self Refresh operation are supported. These devices operate with a single 3.3V +/- 0.3V power supply. All 256Mbit components are available in TSOPII-54 and TFBGA-54 packages.
INFINEON Technologies
1
2002-04-23
HYB39S256400/800/160DT(L)/DC(L) 256MBit Synchronous DRAM
Ordering Information
Type Speed Grade Package Description
HYB 39S256400DT-6 HYB 39S256400DT-7 HYB 39S256400DT-7.5 HYB 39S256400DT-8 HYB 39S256800DT-6 HYB 39S256800DT-7 HYB 39S256800DT-7.5 HYB 39S256800DT-8 HYB 39S256160DT-6 HYB 39S256160DT-7 HYB 39S256160DT-7.5 HYB 39S256160DT-8 HYB39S256800DTL-x HYB39S256160DTL-x HYB39S256xx0DC(L)-x
PC166-333-520 PC133-222-520 PC133-333-520 PC100-222-620 PC166-333-520 PC133-222-520 PC133-333-520 PC100-222-620 PC166-333-520 PC133-222-520 PC133-333-520 PC100-222-620
P-TSOP-54-2 (400mil) P-TSOP-54-2 (400mil) P-TSOP-54-2 (400mil) P-TSOP-54-2 (400mil) P-TSOP-54-2 (400mil) P-TSOP-54-2 (400mil) P-TSOP-54-2 (400mil) P-TSOP-54-2 (400mil) P-TSOP-54-2 (400mil) P-TSOP-54-2 (400mil) P-TSOP-54-2 (400mil) P-TSOP-54-2 (400mil) P-TSOP-54-2 (400mil) P-TSOP-54-2 (400mil) P-TFBGA-54
166MHz 4B x 16M x 4 SDRAM 143MHz 4B x 16M x 4 SDRAM 133MHz 4B x 16M x 4 SDRAM 125MHz 4B x 16M x 4 SDRAM 166MHz 4B x 8M x 8 SDRAM 143MHz 4B x 8M x 8 SDRAM 133MHz 4B x 8M x 8 SDRAM 125MHz 4B x 8M x 8 SDRAM 166MHz 4B x 4M x 16 SDRAM 143MHz 4B x 4M x 16 SDRAM 133MHz 4B x 4M x 16 SDRAM 125MHz 4B x 4M x 16 SDRAM 4B x 8M x 8 SDRAM Low Power Versions (on request) 4B x 4M x 16 SDRAM Low Power Versions (on request) (on request)
Pin Description:
CLK CKE CS RAS CAS WE A0-A12 BA0, BA1 Clock Input Clock Enable Chip Select Row Address Strobe Column Address Strobe Write Enable Address Inputs Bank Select DQx DQM, LDQM, UDQM VDD VSS VDDQ VSSQ NC Data Input /Output Data Mask Power (+3.3V) Ground Power for DQ's (+ 3.3V) Ground for DQ's not connected
INFINEON Technologies
2
2002-04-23
HYB39S256400/800/160DT(L)/DC(L) 256MBit Synchronous DRAM
Pinouts (TSOP-54)
16 M x 16 32 M x 8 64 M x 4
VDD
DQ0
VDD
DQ0
VDD
N.C.
VDDQ
DQ1 DQ2
VDDQ
N.C. DQ1
VDDQ
N.C. DQ0
VSSQ
DQ3 DQ4
VSSQ
N.C. DQ2
VSSQ
N.C. N.C.
VDDQ
DQ5 DQ6
VDDQ
N.C. DQ3
VDDQ
N.C. DQ1
VSSQ
DQ7
VSSQ
N.C.
VSSQ
N.C.
VDD
LDQM WE CAS RAS CS BA0 BA1 A10/AP A0 A1 A2 A3
VDD
N.C. WE CAS RAS CS BA0 BA1 A10/AP A0 A1 A2 A3
VDD
N.C. WE CAS RAS CS BA0 BA1 A10/AP A0 A1 A2 A3
VDD
VDD
VDD
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27
54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28
VSS
N.C.
VSS
DQ7
VSS
DQ15
VSSQ
N.C. DQ3
VSSQ
N.C. DQ6
VSSQ
DQ14 DQ13
VDDQ
N.C. N.C.
VDDQ
N.C. DQ5
VDDQ
DQ12 DQ11
VSSQ
N.C. DQ2
VSSQ
N.C. DQ4
VSSQ
DQ10 DQ9
VDDQ
N.C.
VDDQ
N.C.
VDDQ
DQ8
VSS
N.C. DQM CLK CKE A12 A11 A9 A8 A7 A6 A5 A4
VSS
N.C. DQM CLK CKE A12 A11 A9 A8 A7 A6 A5 A4
VSS
N.C. UDQM CLK CKE A12 A11 A9 A8 A7 A6 A5 A4
VSS
VSS
VSS
TSOPII-54 (400 mil x 875 mil, 0.8 mm pitch)
SPP04126
INFINEON Technologies
3
2002-04-23
HYB39S256400/800/160DT(L)/DC(L) 256MBit Synchronous DRAM
Pinouts (TFBGA-54)
Pin Configuration for x16 devices:
1 VSS DQ14 DQ12 DQ10 DQ8 UDQM A12 A8 VSS 2 DQ15 3 VSSQ A B C D E F G H J 7 VDDQ VSSQ VDDQ VSSQ VDD CAS BA0 A0 A3 8 DQ0 DQ2 DQ4 DQ6 LDQM RAS BA1 A1 A2 9 VDD DQ1 DQ3 DQ5 DQ7 WE CS A10 VDD
DQ13 VDDQ DQ11 DQ9 NC CLK A11 A7 A5 VSSQ VDDQ VSS CKE A9 A6 A4
Pin Configuration for x8 devices:
1 VSS NC NC NC NC DQM A12 A8 VSS 2 DQ7 DQ6 DQ5 DQ4 NC CLK A11 A7 A5 3 VSSQ VDDQ VSSQ VDDQ VSS CKE A9 A6 A4 A B C D E F G H J 7 VDDQ VSSQ VDDQ VSSQ VDD CAS BA0 A0 A3 8 DQ0 DQ1 DQ2 DQ3 NC RAS BA1 A1 A2 9 VDD NC NC NC NC WE CS A10 VDD
Pin Configuration for x4 devices:
1 VSS NC NC NC NC DQM A12 A8 VSS 2 NC DQ3 NC DQ2 NC CLK A11 A7 A5 3 VSSQ VDDQ VSSQ VDDQ VSS CKE A9 A6 A4 A B C D E F G H J 7 VDDQ VSSQ VDDQ VSSQ VDD CAS BA0 A0 A3 8 NC DQ0 NC DQ1 NC RAS BA1 A1 A2 9 VDD NC NC NC NC WE CS A10 VDD
INFINEON Technologies
4
2002-04-23
HYB39S256400/800/160DT(L)/DC(L) 256MBit Synchronous DRAM
Pinout for x4, x8 & x16 organised 256M-DRAMs
C o lu m n A d d re s s e s A 0 - A 9 , A 1 1 , A P, B A0, BA 1
R o w A d d re s s e s A0 - A12, BA0, B A1
C o lu m n A d d re s s C o u n te r
C o lu m n A d d re s s B u ffe r
R o w A d d re s s B u ffe r
R e fre s h C o u n te r
Row D e co de r Column Decoder Sense amplifier & I(O) Bus Column Decoder Sense amplifier & I(O) Bus M em ory A rray
R ow Decoder Column Decoder Sense amplifier & I(O) Bus M em ory A rra y
Row D e co de r Column Decoder Sense amplifier & I(O) Bus M em ory A rra y
R ow D eco d e r M em ory A rra y
Bank 0
B a nk 1
Bank 2
B a nk 3
8 1 96 x 20 4 8 x 4 B it
81 9 2 x 2 0 48 x 4 B it
8192 x 20 4 8 x 4 B it
8 19 2 x 2048 x 4 B it
In p u t B u ffe r
O u tp u t B u ffe r
C o n tro l L o g ic & T im in g G e n e ra to r
DQ0 - DQ3 CLK CKE CS RAS CAS WE DQM
S P B 0 4 1 2 7 _2
Block Diagram for 64M x 4 SDRAM ( 13 / 11 / 2 addressing)
INFINEON Technologies
5
2002-04-23
HYB39S256400/800/160DT(L)/DC(L) 256MBit Synchronous DRAM
Column Addresses A0 - A9, AP, BA0, BA1
Row Addresses A0 - A12, BA0, BA1
Column Address Counter
Column Address Buffer
Row Address Buffer
Refresh Counter
Row Decoder
Column Decoder Sense amplifier & I(O) Bus Column Decoder Sense amplifier & I(O) Bus
Row Decoder
Column Decoder Sense amplifier & I(O) Bus
Row Decoder
Column Decoder Sense amplifier & I(O) Bus
Row Decoder Memory Array
Memory Array
Memory Array
Memory Array
Bank 0 8192 x 1024 x 8 Bit
Bank 1 8192 x 1024 x 8 Bit
Bank 2 8192 x 1024 x 8 Bit
Bank 3 8192 x 1024 x 8 Bit
Input Buffer
Output Buffer
Control Logic & Timing Generator
DQ0 - DQ7
CLK CKE CS RAS CAS WE DQM
SPB04128
Block Diagram for 32M x 8 SDRAM ( 13 / 10 / 2 addressing)
INFINEON Technologies
6
2002-04-23
HYB39S256400/800/160DT(L)/DC(L) 256MBit Synchronous DRAM
Column Addresses A0 - A8, AP, BA0, BA1
Row Addresses A0 - A12, BA0, BA1
Column Address Counter
Column Address Buffer
Row Address Buffer
Refresh Counter
Row Decoder
Column Decoder Sense amplifier & I(O) Bus Column Decoder Sense amplifier & I(O) Bus
Row Decoder
Column Decoder Sense amplifier & I(O) Bus
Row Decoder Memory Array
Column Decoder Sense amplifier & I(O) Bus
Row Decoder Memory Array
Memory Array
Memory Array
Bank 0 8192 x 512 x 16 Bit
Bank 1 8192 x 512 x 16 Bit
Bank 2 8192 x 512 x 16 Bit
Bank 3 8192 x 512 x 16 Bit
Input Buffer
Output Buffer
Control Logic & Timing Generator
DQ0 - DQ15
CLK CKE CS RAS CAS WE DQMU DQML
SPB04129
Block Diagram for 16M x16 SDRAM ( 13 / 9 / 2 addressing)
INFINEON Technologies
7
2002-04-23
HYB39S256400/800/160DT(L)/DC(L) 256MBit Synchronous DRAM
Signal Pin Description
Pin CLK CKE Type Input Input Signal Polarity Function Pulse Level Positive The system clock input. All of the SDRAM inputs are Edge sampled on the rising edge of the clock. Active High Active Low Activates the CLK signal when high and deactivates the CLK signal when low, thereby initiating either the Power Down mode, Suspend mode, or the Self Refresh mode. CS enables the command decoder when low and disables the command decoder when high. When the command decoder is disabled, new commands are ignored but previous operations continue. When sampled at the positive rising edge of the clock, CAS, RAS, and WE define the command to be executed by the SDRAM. During a Bank Activate command cycle, A0-A12 define the row address (RA0-RA12) when sampled at the rising clock edge. During a Read or Write command cycle, A0-An define the column address (CA0-CAn) when sampled at the rising clock edge.CAn depends upon the SDRAM organization:
64M x4 SDRAM CAn = CA9, CA11 (Page Length = 2048 bits) 32M x8 SDRAM CAn = CA9 (Page Length = 1024 bits) 16M x16 SDRAM CAn = CA8 (Page Length = 512 bits)
CS
Input
Pulse
RAS CAS WE A0 - A12
Input
Pulse
Active Low -
Input
Level
In addition to the column address, A10(= AP) is used to invoke the autoprecharge operation at the end of the burst read or write cycle. If A10 is high, autoprecharge is selected and BA0, BA1 defines the bank to be precharged. If A10 is low, autoprecharge is disabled. During a Precharge command cycle, A10 (= AP) is used in conjunction with BA0 and BA1 to control which bank(s) to precharge. If A10 is high, all four banks will be precharged regardless of the state of BA0 and BA1. If A10 is low, then BA0 and BA1 are used to define which bank to precharge. BA0, BA1 Input DQx Level - - Bank Select Inputs. Bank address inputs selects which of the four banks a command applies to. Data Input/Output pins operate in the same manner as on conventional DRAMs.
Input Level Output
INFINEON Technologies
8
2002-04-23
HYB39S256400/800/160DT(L)/DC(L) 256MBit Synchronous DRAM
Pin DQM LDQM UDQM
Type Input
Signal Polarity Function Pulse Active High The Data Input/Output mask places the DQ buffers in a high impedance state when sampled high. In Read mode, DQM has a latency of two clock cycles and controls the output buffers like an output enable. In Write mode, DQM has a latency of zero and operates as a word mask by allowing input data to be written if it is low but blocks the write operation if DQM is high. One DQM input is present in x4 and x8 SDRAMs, LDQM and UDQM controls the lower and upper bytes in x16 SDRAMs. Power and ground for the input buffers and the core logic. Isolated power supply and ground for the output buffers to provide improved noise immunity.
VDD VSS VDDQ VSSQ
Supply - Supply -
- -
INFINEON Technologies
9
2002-04-23
HYB39S256400/800/160DT(L)/DC(L) 256MBit Synchronous DRAM
Operation Definition All of SDRAM operations are defined by states of control signals CS, RAS, CAS, WE, and DQM at the positive edge of the clock. The following list shows the truth table for the operation commands.
Operation Bank Active Bank Precharge Precharge All Write Write with Autoprecharge Read Read with Autoprecharge Mode Register Set No Operation Burst Stop Device Deselect Auto Refresh Self Refresh Entry Self Refresh Exit
Device State Idle3 Any Any Active3 Active3 Active3 Active3 Idle Any Active Any Idle Idle Idle (Self Refr.) Active Idle
CKE n-1 H H H H H H H H H H H H H L H H
CKE n X X X X X X X X X X X H L H L L
DQM X X X X X X X X X X X X X X X X
BA0 BA1 V V X V V V V V X X X X X X X X
AP= A10 V L H L H L H V X X X X X X X X
Addr . V X X V V V V V X X X X X X X X
CS L L L L L L L L L L H L L H L X H L
RAS L L L H H H H L H H X L L X H X X H X X H X X
CAS H H H L L L L L H H X L L X H X X H X X H X X
WE H L L L L H H L H L X H H X X X X H X X L X X
Clock Suspend Entry Power Down Entry (Precharge or active standby) Clock Suspend Exit Power Down Exit
Active4 Active Any (Power Down) Active L L H H H H X X X X L H X X X X X X X X X X X X
X H L X X
Data Write/Output Enable
Data Write/Output Disable Active Notes
1. V = Valid, x = Don't Care, L = Low Level, H = High Level 2. CKEn signal is input level when commands are provided, CKEn-1 signal is input level one clock before the commands are provided. 3. This is the state of the banks designated by BA0, BA1 signals. 4. Power Down Mode can not be entered in a burst cycle. When this command asserted in the burst mode cycle device is in clock suspend mode.
INFINEON Technologies
10
2002-04-23
HYB39S256400/800/160DT(L)/DC(L) 256MBit Synchronous DRAM
Mode Register Set Table
BA1 BA0 A12 A11 A10 A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
Address Bus (Ax)
Operation Mode
CAS Latency
BT
Burst Length
Mode Register (Mx)
Operation Mode
M9 0 1 Mode burst read / burst write burst read / single write
Burst Type
M3 0 1 Type Sequential Interleave
Burst Length CAS Latency
M6 0 0 0 0 1 1 1 1 M5 0 0 1 1 0 0 1 1 M4 0 1 0 1 0 1 0 1 Reserved Latency Reserved Reserved 2 3 M2 0 0 0 0 1 1 1 1 M1 0 0 1 1 0 0 1 1 M0 0 1 0 1 0 1 0 1 Full Page Reserved Reserved Length Sequential 1 2 4 8 Interleave 1 2 4 8
INFINEON Technologies
11
2002-04-23
HYB39S256400/800/160DT(L)/DC(L) 256MBit Synchronous DRAM
Power On and Initialization The default power on state of the mode register is supplier specific and may be undefined. The following power on and initialization sequence guarantees the device is preconditioned to each users specific needs. Like a conventional DRAM, the Synchronous DRAM must be powered up and initialized in a predefined manner. During power on, all VDD and VDDQ pins must be built up simultaneously to the specified voltage when the input signals are held in the "NOP" state. The power on voltage must not exceed VDD+0.3V on any of the input pins or VDD supplies. The CLK signal must be started at the same time. After power on, an initial pause of 200 s is required followed by a precharge of all banks using the precharge command. To prevent data contention on the DQ bus during power on, it is required that the DQM and CKE pins be held high during the initial pause period. Once all banks have been precharged, the Mode Register Set Command must be issued to initialize the Mode Register. A minimum of eight Auto Refresh cycles (CBR) are also required.These may be done before or after programming the Mode Register. Failure to follow these steps may lead to unpredictable start-up modes. Programming the Mode Register The Mode register designates the operation mode at the read or write cycle. This register is divided into four fields. First, a Burst Length Field which sets the length of the burst, Second, an Addressing Selection bit which programs the column access sequence in a burst cycle (interleaved or sequential). Third, a CAS Latency Field to set the access time at clock cycle. Fourth, an Operation mode field to differentiate between normal operation (Burst read and burst Write) and a special Burst Read and Single Write mode. After the initial power up, the mode set operation must be done before any activate command. Any content of the mode register can be altered by reexecuting the mode set command. All banks must be in precharged state and CKE must be high at least one clock before the mode set operation. After the mode register is set, a Standby or NOP command is required. Low signals of RAS, CAS, and WE at the positive edge of the clock activate the mode set operation. Address input data at this timing defines parameters to be set as shown in the previous table. Read and Write Operation When RAS is low and both CAS and WE are high at the positive edge of the clock, a RAS cycle starts. According to address data, a word line of the selected bank is activated and all of sense amplifiers associated to the wordline are set. A CAS cycle is triggered by setting RAS high and CAS low at a clock timing after a necessary delay, tRCD, from the RAS timing. WE is used to define either a read (WE = H) or a write (WE = L) at this stage. SDRAM provides a wide variety of fast access modes. In a single CAS cycle, serial data read or write operations are allowed at up to a 166 MHz data rate. The numbers of serial data bits are the burst length programmed at the mode set operation, i.e., one of 1, 2, 4 and 8 and full page. Column addresses are segmented by the burst length and serial data accesses are done within this boundary. The first column address to be accessed is supplied at the CAS timing and the subsequent addresses are generated automatically by the programmed burst length and its sequence. For example, in a burst length of 8 with interleave sequence, if the first address is `2', then the rest of the burst sequence is 3, 0, 1, 6, 7, 4, and 5. Full page burst operation is only possible using the sequential burst type and page length is a function of the I/O organization and column addressing. Full page burst operation does not self
INFINEON Technologies
12
2002-04-23
HYB39S256400/800/160DT(L)/DC(L) 256MBit Synchronous DRAM
terminate once the burst length has been reached. In other words, unlike burst lengths of 2, 4 and 8, full page burst continues until it is terminated using another command. Similar to the page mode of conventional DRAMs, burst read or write accesses on any column address are possible once the RAS cycle latches the sense amplifiers. The maximum tRAS or the refresh interval time limits the number of random column accesses. A new burst access can be done even before the previous burst ends. The interrupt operation at every clock cycle is supported. When the previous burst is interrupted, the remaining addresses are overridden by the new address with the full burst length. An interrupt which accompanies an operation change from a read to a write is possible by exploiting DQM to avoid bus contention. When two or more banks are activated sequentially, interleaved bank read or write operations are possible. With the programmed burst length, alternate access and precharge operations on two or more banks can realize fast serial data access modes among many different pages. Once two or more banks are activated, column to column interleave operation can be performed between different pages. Burst Length and Sequence:
Burst Starting Address Length (A2 A1 A0) 2 4 xx0 xx1 x00 x01 x10 x11 000 001 010 011 100 101 110 111 nnn 0 1 2 3 4 5 6 7 1 2 3 4 5 6 7 0 Sequential Burst Addressing (decimal) 0, 1 1, 0 0, 1, 1, 2, 2, 3, 3, 0, 2 3 4 5 6 7 0 1 3 4 5 6 7 0 1 2 2, 3 3, 0 0, 1 1, 2 4 5 6 7 0 1 2 3 5 6 7 0 1 2 3 4 6 7 0 1 2 3 4 5 7 0 1 2 3 4 5 6 0 1 2 3 4 5 6 7 1 0 3 2 5 4 7 6 2 3 0 1 6 7 4 5 Interleave Burst Addressing (decimal) 0, 1 1, 0 0, 1, 2, 1, 0, 3, 2, 3, 0, 3, 2, 1, 3 2 1 0 7 6 5 4 4 5 6 7 0 1 2 3 3 2 1 0 5 4 7 6 1 0 3 2 6 7 4 5 2 3 0 1 7 6 5 4 3 2 1 0
8
Full Page
Cn, Cn+1, Cn+2 ....
not supported
Refresh Mode SDRAM has two refresh modes, Auto Refresh and Self Refresh. Auto Refresh is similar to the CAS -before-RAS refresh of conventional DRAMs. All banks must be precharged before applying any refresh mode. An on-chip address counter increments the word and the bank addresses and no bank information is required for both refresh modes. The chip enters the Auto Refresh mode, when RAS and CAS are held low and CKE and WE are held high at a clock timing. The mode restores word line after the refresh and no external precharge command is necessary. A minimum tRC time is required between two automatic refreshes in a burst refresh mode. The same rule applies to any access command after the automatic refresh operation.
INFINEON Technologies
13
2002-04-23
HYB39S256400/800/160DT(L)/DC(L) 256MBit Synchronous DRAM
The chip has an on-chip timer and the Self Refresh mode is available. The mode restores the word lines after RAS, CAS, and CKE are low and WE is high at a clock timing. All of external control signals including the clock are disabled. Returning CKE to high enables the clock and initiates the refresh exit operation. After the exit command, at least one tRC delay is required prior to any access command. DQM Function DQM has two functions for data I/O read and write operations. During reads, when it turns to "high" at a clock timing, data outputs are disabled and become high impedance after two clock delay (DQM Data Disable Latency tDQZ). It also provides a data mask function for writes. When DQM is activated, the write operation at the next clock is prohibited (DQM Write Mask Latency tDQW = zero clocks). Suspend Mode
During normal access mode, CKE is held high enabling the clock. When CKE is low, it freezes the internal clock and extends data read and write operations. One clock delay is required for mode entry and exit (Clock Suspend Latency tCSL).
Power Down In order to reduce standby power consumption, a power down mode is available. All banks must be precharged and the necessary Precharge delay (trp) must occur before the SDRAM can enter the Power Down mode. Once the Power Down mode is initiated by holding CKE low, all of the receiver circuits except CLK and CKE are gated off. The Power Down mode does not perform any refresh operations, therefore the device can't remain in Power Down mode longer than the Refresh period (tref) of the device. Exit from this mode is performed by taking CKE "high". One clock delay is required for Power Down mode entry and exit. Auto Precharge Two methods are available to precharge SDRAMs. In an automatic precharge mode, the CAS timing accepts one extra address, CA10, to determine whether the chip restores or not after the operation. If CA10 is high when a Read Command is issued, the Read with Auto-Precharge function is initiated. If CA10 is high when a Write Command is issued, the Write with AutoPrecharge function is initiated. The SDRAM automatically enters the precharge operation a time delay equal to tWR ("write recovery time") after the last data in. A burst operation with Auto-Precharge may only be interrupted by a burst start to another bank. It must not be interrupted by a precharge or a burst stop command. Precharge Command There is also a separate precharge command available. When RAS and WE are low and CAS is high at a clock timing, it triggers the precharge operation. Three address bits, BA0, BA1 and A10 are used to define banks as shown in the following list. The precharge command can be imposed one clock before the last data out for CAS latency = 2 and two clocks before the last data out for CAS latency = 3. Writes require a time delay twr ("write recovery time") of 2 clocks minimum from the last data out to apply the precharge command.
INFINEON Technologies
14
2002-04-23
HYB39S256400/800/160DT(L)/DC(L) 256MBit Synchronous DRAM
Bank Selection by Address Bits
A10 BA0 BA1 0 0 0 0 1 0 0 1 1 x 0 1 0 1 x Bank 0 Bank 1 Bank 2 Bank 3 all Banks
Burst Termination Once a burst read or write operation has been initiated, there are several methods in which to terminate the burst operation prematurely. These methods include using another Read or Write Command to interrupt an existing burst operation, use a Precharge Command to interrupt a burst cycle and close the active bank, or using the Burst Stop Command to terminate the existing burst operation but leave the bank open for future Read or Write Commands to the same page of the active bank. When interrupting a burst with another Read or Write Command care must be taken to avoid DQ contention. The Burst Stop Command, however, has the fewest restrictions making it the easiest method to use when terminating a burst operation before it has been completed. If a Burst Stop command is issued during a burst write operation, then any residual data from the burst write cycle will be ignored. Data that is presented on the DQ pins before the Burst Stop Command is registered will be written to the memory. Capacitance
TA = 0 to 70 C; VDD,VDDQ = 3.3 V 0.3 V, f = 1 MHz
Parameter Input capacitance (CLK) Input capacitance
(A0-A12, BA0,BA1,RAS, CAS, WE, CS, CKE, DQM)
Symbol
Values min. max. 3.5 3.8 6.0 2.5 2.5 4.0
Unit pF pF pF
CI1 CI2 CIO
Input / Output capacitance (DQ)
Note: Capacitance values are shown for TSOP-54 packages. Capacitance values for TFBGA packages are lower by 0.5 pF.
INFINEON Technologies
15
2002-04-23
HYB39S256400/800/160DT(L)/DC(L) 256MBit Synchronous DRAM
Absolute Maximum Ratings
Parameter Symbol min. Limit Values max. Unit
Input / Output voltage relative to VSS Power supply voltage Operating Temperature Storage temperature range Power dissipation per SDRAM component Data out current (short circuit)
VIN, VOUT VDD,VDDQ TA TSTG PD IOS
- 1.0 - 1.0 0 -55 - -
4.6 4.6 +70 +150 1 50
V V
oC oC
W mA
Permanent device damage may occur if "Absolute Maximum Ratings" are exceeded. Functional operation should be restricted to recommended operation conditions. Exposure to higher than recommended voltage for extended periods of time affect device reliability
Recommended Operation Conditions and DC Eletrical Characteristics TA = 0 to 70 oC; Parameter
Supply Voltage Input high voltage Input low voltage Output low voltage (IOUT = 4.0 mA) Input leakage current, any input
(0 V < VIN < VDD, all other inputs = 0 V)
Symbol
min.
Limit Values typ. 3.3 3.0 0 - - - - max. 3.6 V DDQ+0.3 0.8 - 0.4 5 5 3.0 2.0 - 0.3 2.4 - -5 -5
Unit Notes V V V V V mA mA 1 1, 2 1, 2 1 1
VDD,VDDQ
VIH VIL VOL IIL IOL
Output high voltage (IOUT = - 4.0 mA) VOH
Output leakage current
(DQs are disabled, 0 V < VOUT < VDDQ)
Notes: 1. All voltages are referenced to VSS. 2. Vih may overshoot to VDDQ + 2.0 V for pulse width of < 4ns with 3.3V. Vil may undershoot to -2.0 V for pulse width < 4.0 ns with 3.3V. Pulse width measured at 50% points with amplitude measured peak to DC reference.
INFINEON Technologies
16
2002-04-23
HYB39S256400/800/160DT(L)/DC(L) 256MBit Synchronous DRAM
Operating Currents
TA = 0 to 70 oC; VSS = 0 V; VDD, VDDQ = 3.3 V 0.3 V
Parameter & Test Condition
Operating Current One bank active, Burst length = 1 Precharge Standby Current in Power Down Mode Precharge Standby Current in Non-Power Down Mode No Operating Current tRC = t RC(min), Io = 0 mA CS =VIH (min.), CKE<=Vil(max) CS = VIH (min.), CKE>=Vih(min) CS = VIH(min), CKE>=VIH(min.) CS = VIH(min), CKE<=VIL(max.)
Symb.
-6
100 2 35 40 5 110 220
-7
80 2 30 35 5 90 190 3
-7.5 max.
80 2 30 35 5 90 190 3
-8
80 2 25 30 5 70 160 3 mA mA mA mA mA mA mA mA
Note
IDD1 IDD2P IDD2N IDD3N IDD3P IDD4
3, 4 3 3 3 3 3, 4
active state ( max. 4 banks) Burst Operating Current Read command cycling Auto Refresh Current Auto Refresh command cycling Self Refresh Current (standard components) Self Refresh Mode, CKE=0.2V, tck=infinity Self Refresh Current (low power components) Self Refresh Mode, CKE=0.2V, tck=infinity
tRFC= tRFC(min) t RFC= 7.8 s x4, x8 x16 IDD5
3
5
IDD6
3 1.5
3 1.5
3 1.5
3 1.5
mA mA
x8, x16
IDD6
0.85
0.85
0.85
0.85
mA
Notes: 3. These parameters depend on the cycle rate. All values are measured at 166 MHz for "-6", at 133 MHz for "-7" and "-7.5" and at 100 MHz for "-8" components with the outputs open. Input signals are changed once during tck. 4. These parameters are measured with continuous data stream during read access and all DQ toggling. CL=3 and BL=4 is assumed and the VDDQ current is excluded. 5. tRFC= tRFC(min) "burst refresh", tRFC= 7.8 s "distributed refresh".
INFINEON Technologies
17
2002-04-23
HYB39S256400/800/160DT(L)/DC(L) 256MBit Synchronous DRAM
AC Characteristics 1)2)
TA = 0 to 70 oC; VSS = 0 V; VDD, VDDQ = 3.3 V 0.3 V, tT = 1 ns
Parameter
Symbol
Limit Values -6 PC166333
min.
Unit
-7 PC133222
-7.5 PC133333
-8 PC100222
max.
max. min.
max. min.
max. min.
Clock and Clock Enable
Clock Cycle Time CAS Latency = 3 CAS Latency = 2 Clock Frequency CAS Latency = 3 CAS Latency = 2 Access Time from Clock CAS Latency = 3 CAS Latency = 2 Clock High Pulse Width Clock Low Pulse Width Transition time
tCK
6 7.5 - - - - 2 2 0.3
- - 166 133 5 5.4 - - 1.2
7 7.5 - - - - 2.5 2.5 0.3
- - 143 133 5.4 5.4 - - 1.2
7.5 10 - - - - 2.5 2.5 0.3
- - 133 100 5.4 6 - - 1.2
8 10 - - - - 3 3 0.5
- -
ns ns
tCK
125 MHz 100 MHz 6 6 - - 10 ns ns ns ns ns
2, 3, 6
tAC tCH tCL tT
Setup and Hold Times
Input Setup Time Input Hold Time CKE Setup Time CKE Hold Time Mode Register Set-up to Active delay Power Down Mode Entry Time
tIS tIH tCKS tCKH tRSC tSB
1.5 0.8 1.5 0.8 2 0
- - - - - 6
1.5 0.8 1.5 0.8 2 0
- - - - - 7
1.5 0.8 1.5 0.8 2 0
- - - - - 7.5
2 1 2 1 2 0
- - - - - 8
ns ns ns ns CLK ns
4 4 4 4
Common Parameters
Row to Column Delay Time Row Precharge Time Row Active Time Row Cycle Time
tRCD tRP tRAS tRC
15 15 36 60
- -
100k
15 15 37 60
- -
100k
20 20 45 67
- -
100k
20 20 48 70
- -
100k
ns ns ns ns
5 5 5 5
-
-
-
-
INFINEON Technologies
18
2002-04-23
HYB39S256400/800/160DT(L)/DC(L) 256MBit Synchronous DRAM
Parameter
Symbol
Limit Values -6 PC166333
min.
Unit
-7 PC133222 63
-7.5 PC133333 67
-8 PC100222
max.
max. min.
max. min.
max. min.
Row Cycle Time during Auto Refresh Activate(a) to Activate(b) Command period CAS(a) to CAS(b) Command period
tRFC tRRD tCCD
60 12 1 - -
70 - - 16 1 - -
ns ns CLK
5
14 1
- -
15 1
Refresh Cycle
Refresh Period (8192 cycles) Self Refresh Exit Time
tREF tSREX
- 1
64 -
- 1
64 -
- 1
64 -
- 1
64
ms CLK
Read Cycle
Data Out Hold Time
Data Out to Low Impedance Time Data Out to High Impedance Time DQM Data Out Disable Latency
tOH tLZ tHZ tDQZ
2.5 0 3 -
- - 6 2
3 0 3 -
- - 7 2
3 0 3 -
- - 7 2
3 0 3 -
- - 8 2
ns ns ns CLK
2, 6
Write Cycle
Last Data Input to Precharge
(Write without AutoPrecharge)
tWR
tDAL,min
12
-
14
-
15
-
15
-
ns
7
Last Data Input to Activate
(Write with AutoPrecharge)
(twr/tck) + (trp/tck)
CLK 8 0 - CLK
DQM Write Mask Latency
tDQW
0
-
0
-
0
-
INFINEON Technologies
19
2002-04-23
HYB39S256400/800/160DT(L)/DC(L) 256MBit Synchronous DRAM
Notes 1. For proper power-up see the operation section of this data sheet. 2. AC timing tests for LV-TTL versions have V IL = 0.4 V and VIH = 2.4 V with the timing referenced to the 1.4 V crossover point. The transition time is measured between VIH and VIL. All AC measurements assume tT = 1 ns with the AC output load circuit shown in figure below. Specified tAC and tOH parameters are measured with a 50 pF only, without any resistive termination and with an input signal of 1V / ns edge rate between 0.8 V and 2.0 V.
t CH CLOCK 1 .4 V tCL t IH tT 2.4 V 0.4 V
t IS
IN P U T t AC tLZ O UTPUT
1 .4 V tA C t OH 1.4 V tHZ
IO.vsd
I/O 50 pF
Measurement conditions for tAC and tOH
3. If clock rising time is longer than 1 ns, a time (tT /2 - 0.5) ns has to be added to this parameter. 4. If tT is longer than 1 ns, a time (tT - 1) ns has to be added to this parameter. 5. These parameter account for the number of clock cycles and depend on the operating frequency of the clock, as follows: the number of clock cycles = specified value of timing period (counted in fractions as a whole number) 6. Access time from clock tAC is 4.6 ns for PC133 components with no termination and 0 pF load, Data out hold time tOH is 1.8 ns for PC133 components with no termination and 0 pF load. 7. It is recommended to use two clock cycles between the last data-in and the precharge command in case of a write command without Auto-Precharge. One clock cycle between the last data-in and the precharge command is also supported, but restricted to cycle times tck greater or equal the specified twr value, where tck is equal to the actual system clock time 8. When a Write command with AutoPrecharge has been issued, a time of tdal(min) has be fullfilled before the next Activate Command can be applied. For each of the terms, if not already an integer, round up to the next highest integer. tck is equal to the actual system clock time.
INFINEON Technologies
20
2002-04-23
HYB39S256400/800/160DT(L)/DC(L) 256MBit Synchronous DRAM
Package Outlines - TSOP
Plastic Package P-TSOPII-54 (400 mil, 0.8 mm lead pitch) Thin Small Outline Package, SMD
0.10.05
10.05
155
10.160.13 2)
0.8 155
3) 0.35 +0.1 -0.05
0.15 +0.06 -0.03
0.5 0.1 11.76 0.2
26x 0.8 = 20.8
0.1 54x 0.2 M 54x
54
28
6 max
1
2.5 max 22.220.13
1)
27
GPX09039
Index Marking
1) 2)
Does not include plastic or metal protrusion of 0.15 max per side Does not include plastic protrusion of 0.25 max per side 3) Does not include dambar protrusion of 0.13 max per side
INFINEON Technologies
21
2002-04-23
HYB39S256400/800/160DT(L)/DC(L) 256MBit Synchronous DRAM
Package Outlines- TFBGA
TFBGA-54 package
(12 mm x 8 mm, 54 balls)
INFINEON Technologies
22
2002-04-23


▲Up To Search▲   

 
Price & Availability of HYB39S256400DC-6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X